Part Number Hot Search : 
BAS116 LM2935 CA2902E MSK4890H 1N5250 COACH10S APA2037 AL1101
Product Description
Full Text Search
 

To Download HN1C03F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN1C03F
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
HN1C03F
For Muting And Switching Applications
Unit in mm l Including two devices in SM6 (Super mini type with 6 leads) l High emitter-base voltage: VEBO = 25V (min) l High reverse hFE: reverse hFE = 150 (typ.)(VCE =-2V, IC =-4mA) l Low on resistance: RON = 1 (typ.)(IB = 5mA)
Maximum Ratings (Ta = 25C) (Q1, Q2 Common)
Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB P C* Tj Tstg Rating 50 20 25 300 60 300 150 -55~150 Unit V V V mA mA mW C C
JEDEC EIAJ TOSHIBA Weight: 0.015g
2-3N1A
* Total rating
1
2001-06-05
HN1C03F
Electrical Characteristics (Ta = 25C) (Q1,Q2 Common)
Characteristic Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance Turn-on time Switching time Symbol ICBO IEBO hFE (Note) VCE (sat) VBE fT Cob Test Circuit Test Condition VCB = 50V, IE = 0 VEB = 25V, IC = 0 VCE = 2V, IC = 4mA IC = 30mA, IB = 3mA VCE = 2V, IC = 4mA VCE = 6V, IC = 4mA VCB = 10V, IE = 0, f = 1MHz Min 200 Typ. 0.042 0.61 30 4.8 160 Max 0.1 0.1 1200 0.1 7 V V MHz pF Unit A A
Storage Time
500
ns
Fall time
130
Note: hFE Classification A: 200~700, B: 350~1200
Marking
Equivalent Circuit (Top View)
2
2001-06-05
HN1C03F
(Q1,Q2 Common)
3
2001-06-05
HN1C03F
(Q1,Q2 Common)
4
2001-06-05
HN1C03F
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2001-06-05


▲Up To Search▲   

 
Price & Availability of HN1C03F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X